Part Number Hot Search : 
HMC973 L99DZ120 2N4907 CMPZD AZ23C MPC9109 HER102 03005JP
Product Description
Full Text Search
 

To Download M32182F3TFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcomputer mitsubishi description the 32182 group is a 32-bit, single-chip risc microcom- puter with built-in flash memory, which was developed for use in general industrial and household equipment. to ac- complish high-precision arithmetic operations, it incorpo- rates a fully ieee754 compliant, single-precision fpu. this microcomputer contains a variety of peripheral func- tions ranging from 12-channel a-d converters, 37-channel multijunction timers, 10-channel dmacs, 4-channel serial i/os, and 1-channel real-time debugger. also included are 2-channel full-can modules and jtag (boundary scan facility). with the software necessary to run these numerous peripheral functions stored in its large-capacity flash mem- ory, this microcomputer meets the needs of application sys- tems for high functionality, high-performance arithmetic ca- pability, and sophisticated control. with lower power consumption and low noise characteris- tics also considered, these microcomputers are ideal for embedded equipment applications. features m32r-fpu core  uses the m32r family risc cpu core (m32r family common instruction set + single-precision fpu/extended instructions)  five-stage pipelined processing  sixteen 32-bit general-purpose registers  16-bit/32-bit instructions implemented  dsp function instructions (multiply-accumulate calculation using 56-bit accumulator)  built-in single-precision fpu (fully compliant with ieee754 standard: four rounding modes, etc.)  bit manipulation extended instructions  built-in flash memory ........................................ 384k bytes  built-in flash programming boot program  built-in ram ....................................................... 64k bytes  pll clock generating circuit.............. built-in x 8 pll circuit  oscillation stop detection function  maximum operating frequency of the cpu clock type name frequency temperature rang m32182f3vfp 64mhz -40c to +125c M32182F3TFP 80mhz -40c to +85c  single power supply: 5 v (+ 0.5 v) or 3.3 v (+ 0.3 v) 37-channel multijunction timers (mjt) multijunction timers are incorporated that support various purposes of use. 16-bit output related timers (top) ................... 11 channels 16-bit input/output related timers (tio)............ 10 channels 16-bit input related timers (tms) ....................... 8 channels 32-bit input related timers (tml) ....................... 8 channels  flexible configuration is possible through interconnection of timers.  the internal dmac and a-d converter can be started by a timer. real-time debugger  includes dedicated clock-synchronized serial i/o that can read and write the contents of the internal ram independ- ently of the cpu.  can look up and update the data table in real time while the program is running.  can generate a dedicated interrupt based on rtd com- munication. abundant internal peripheral functions in addition to the timers and real-time debugger, the micro- computer contains the following peripheral functions.  dmac ............................................................. 10 channels  a-d converters (sample & hold mode, disconnection de- tector assist function, injection current bypass circuit) ..................................... 12 channels 10-bit converter  serial i/o ........................................................... 4 channels  interrupt controller: 23 interrupt sources, 8 priority levels  wait controller  full can(can specification 2.0b active).......... 2 channels  virtual-flash emulation function .......... 4k bytes x 8 banks  jtag (boundary scan function, mitsubishi original sdi debug function)  port input threshold level select function designed to operate at high temperatures to meet the need for use at high temperatures, m32182f3vfp is designed to be able to operate in the temperature range of -40 to +125c when cpu clock oper- ating frequency = 64 mhz. M32182F3TFP is designed to be able to operate in the temperature range of -40 to +85c when cpu clock operating frequency = 80 mhz. applications automobile equipment control (e.g., engine, abs, and at), industrial equipment system control, and high-function oa equipment (e.g., ppc)
2002-07-04 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcomputer 2 m32182f3vfp M32182F3TFP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 p97/to20 p117/to7 p116/to6 p115/to5 p114/to4 p113/to3 p112/to2 p111/to1 p110/to0 p127/tclk3 p126/tclk2 p125/tclk1 p124/tclk0 excvcc vcce vss vss sbi# p63 p62 p61 ad0in11 ad0in10 ad0in9 ad0in8 avss0 ad0in7 ad0in6 ad0in5 ad0in4 ad0in3 ad0in2 ad0in1 ad0in0 vref0 avcc0 p150/tin0 p153/tin3 p130/tin16 p131/tin17 p132/tin18 p133/tin19 p134/tin20 p135/tin21/rxd3 p136/tin22/crx1 p137/tin23 p220/ctx0 p221/crx0 vcce vcnt osc-vcc xin osc-vss xout reset# p74/rtdtxd p75/rtdrxd p76/rtdack p77/rtdclk jtdi jtdo jtrst jtck jtms p100/to8 p101/to9/txd3 p102/to10/ctx1 p103/to11 p104/to12 p105/to13 p106/to14 p107/to15 p174/txd2 p175/rxd2 fp mod0 mod1 excvdd vss excvcc vdde vss vcce p17/db15 p16/db14 p15/db13 p14/db12 p13/db11 p12/db10 p11/db9 p10/db8 p07/db7 p06/db6 p05/db5 p04/db4 p03/db3 p02/db2 p01/db1 p00/db0 p73/hack# p72/hreq# p71/wait# p70/bclk/wr# p43/rd# p42/bhw#/bhe# p41/blw#/ble# vcc-bus vss p82/txd0 p83/rxd0 p84/sclki0/sclko0 p85/txd1 p86/rxd1 p87/sclki1/sclko1 vss vcce p44/cs0# p45/cs1# p224/a11/cs2# p225/a12/cs3# p46/a13 p47/a14 p30/a15 p31/a16 p32/a17 p33/a18 p34/a19 p35/a20 p36/a21 p37/a22 p20/a23 p21/a24 p22/a25 p23/a26 p24/a27 p25/a28 p26/a29 p27/a30 vcc-bus vss p93/to16 p94/to17 p95/to18 p96/to19 package 144p6q-a pin assignment (top view) note: it is shown that the pin (signal) with which "#" sticks to the last of a pin name (signal name) is "l" active pin (signal ). figure 1. pin layout diagram
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 3 pll clock generation circuit internal bus interface address data internal ram (64k bytes) internal flash memory (384k bytes) m32r-fpu core (max. 80mhz) multiplier accumulator (32x16+56) dmac (10 channels) input/output timer (37 channels) serial i/o (4 channels) a-d converter (a-d0 : 10-bit,12 channels) wait controller interupt controller (8 priority levels) real-time debugger (rtd) external bus interface internal 32-bit bus input/output port 97 ports full can (2 channels) single-precision fpu (fully ieee754 compliant) internal 16-bit bus internal 32-bit bus internal power supply generation circuit (vdc) figure 2. block diagram
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 4 table 1. outline performance functional block features m32r-fpu core m32r family cpu core, internally configured in 32-bit built-in multiplier-accumulator (32 x 16 + 56) basic bus cycle m32182f3vfp: 15.625 ns (cpu clock frequency at 64 mhz, internal peripheral clock frequency at 16mhz) M32182F3TFP: 12.5 ns (cpu clock frequency at 80 mhz, internal peripheral clock frequency at 20mhz) logical address space: 4g bytes, linear general-purpose register: 32-bit register x 16,control register: 32-bit register x 6 accumulator: 56-bit external data bus 16-bit data bus instruction set 16-bit/32-bit instruction formats 100 discrete instructions in six addressing modes internal flash mem- ory 384k bytes rewrite durability: 100 times internal ram 64k bytes dmac 10 channels (dma transfers between internal peripheral i/os, between internal peripheral i/o and internal ram, and between internal rams) channels can be cascaded and can operate in combination with internal peripheral i/o multijunction timer 37 channels of multijunction timers. top : 16-bit output related timer, 11 channels (single-shot, delayed single-shot, and continuous) tio : 16-bit input/output related timer, 10 channels (measure clear, measure free-run, noise processing input, pwm, single-shot, delayed single-shot, continuous output) tms : 16-bit input related timer, 8 channels (measure input) tml : 32-bit input related timer, 8 channels (measure input) flexible timer configuration is possible through interconnection of channels using the clock bus or event bus. a-d converter 10-bit multifunction a-d converters  input 12 channels  scan-based conversion can be switched between n (n = 1 to 12) channels  capable of interrupt conversion during scan  8-bit/10-bit readout function available with sample & hold mode  disconnection detector assist function  injection current bypass circuit serial i/o 4 channels (the serial i/os can be set for synchronous serial i/o or uart. sio2, sio3 are uart mode only) real-time debugger (rtd) 1-channels dedicated clock-synchronized serial h?0080 4000 to h?0081 3fff: internal ram area can access the internal ram for read/rewrite from outside independently of the cpu, and also generate an exclusive-use interrupt. interrupt controller controls interrupts from internal peripheral i/os (priority can be set to one of 8 levels including interrupt disabled) wait controller controls wait when accessing external extended area (chip selects for four external extended areas each can have access extended for 0-7 wait cycles plus wait# signal entered from external source) (note1) can two channels, each having 16-channel message slots jtag boundary-scan function, built-in sdi debugger function in mitsubishi clock m32182f3vfp: cpu clock: maximum 64 mhz (for cpu, internal rom, and internal ram access) internal peripheral clock (bclk): maximum 16 mhz (for peripheral module access) external input clock (xin): maximum 8.0 mhz, built-in x8 pll circuit M32182F3TFP: cpu clock: maximum 80 mhz (for cpu, internal rom, and internal ram access) internal peripheral clock (bclk): maximum 20 mhz (for peripheral module access) external input clock (xin): maximum 10.0 mhz, built-in x8 pll circuit power supply volt- age 5v (+ 0.5v) or 3.3v (+ 0.3v) [t.b.d]: single power supply voltage (the internal logic operates with 2.5v, however) operating tempera- ture range m32182f3vfp: -40 to +125c (cpu clock 64mhz, internal peripheral clock 16mhz) (note2) M32182F3TFP: -40 to +85c (cpu clock 80mhz, internal peripheral clock 20mhz) package 0.5mm pitches / 144-pin lqfp package (144p6q-a) note 1: wait cycle by the external wait# input is not received when 0wait is selected. moreover, as for all idol setup after th e wait / strike robe / recovery / lead of cs block, only operation by "nothing" setup is guaranteed when 0wait is selected. note 2: this does not mean that the microcomputer is guaranteed for continuous operation at 125c. if 125c applications are desired, please consult mitsubishi.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 5 m32182f3vfp , M32182F3TFP port15 port13 port12 port4 p45/cs1# xin xout vcnt osc-vcc osc-vss p70/bclk/wr# reset# mod0 mod1 fp p220/ctx0 8 p221/crx0 p224/a11/cs2# p225/a12/cs3# p150/tin0, p153/tin3 p130/tin16-p134/tin20 p137/tin23 p136/tin22/crx1 p135/tin21/rxd3 p124/tclk0-p127/tclk3 p93/to16-p97/to20 p100/to8 p101/to9/txd3 p102/to10/ctx1 p103/to11-p107/to15 p110/to0-p117/to7 ad0in0-ad0in11 avcc0 avss0 vref0 p61-p63 sbi# vcce excvcc vss p44/cs0# p43/rd# p42/bhw#/bhe# p41/blw#/ble# p71/wait# p72/hreq# p73/hack# p20/a23-p27/a30 p30/a15-p37/a22 p46/a13, p47/a14 p00/db0-p07/db7 p10/db8-p17/db15 p82/txd0 p83/rxd0 p84/sclki0/sclko0 p85/txd1 p86/rxd1 p87/sclki1/sclko1 p174/txd2 p175/rxd2 p74/rtdtxd p75/rtdrxd p76/rtdack p77/rtdclk jtms jtck jtrst jtdo jtdi vdde excvdd vcc-bus bus control bus control address bus address bus bus control data bus serial i/o serial i/o serial i/o rtd port2 port3 port22 port0 port1 port8 port17 port7 jtag port11 port10 port9 multijunction timer clock reset mode can can a-d converter interrupt controller port6 8 4 5 2 7 4 2 5 5 8 8 8 3 12 2 2 note: it is shown that the pin (signal) with which "#" sticks to the last of a pin name (signal name) is "l" active pin (signal ). figure 3. pin function diagram
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 6 table 2. description of pin function (1/3) type pin name description input/output function vcce power supply - power supply (5.0v 0.5v or 3.3v 0.3v). excvcc external capaci- tance connect - external capacitance connecting pin. vcc-bus bus power supply - power supply for the bus control pins (5.0v 0.5v or 3.3v 0.3v). vdde ram power supply - internal ram backup power supply (5.0v 0.5v or 3.3v 0.3v). excvdd external capaci- tance connect - backup power supply for the internal ram, external capacitance con- necting pin. power supply vss ground - connect all vss pins to ground (gnd). xin clock input input xout clock output output clock input/output pins. these pins contain a pll-based frequency multiply-by-8, so input the clock whose frequency is 1/8 the operating frequency. (xin input = 10 mhz when cpu clock operates at 80 mhz) bclk system clock output outputs a clock twice the externally sourced clock frequency, xin (when the internal cpu memory clock is 80 mhz, bclk output = 20 mhz). use this output when external sync design is desired. osc-vcc clock power supply - power supply to the pll circuit. connect osc-vcc to the power supply osc-vss clock ground - connect osc-vss to ground. clock vcnt pll control - this pin controls the pll circuit. connect a resistor and capacitor to this pin. reset reset# reset input this pin resets the internal circuits. these pins set an operation mode. mod0 mod1 mode 0 0 single-chip mode 0 1 expanded external mode 1 0 processor mode (boot mode) (note 1) 1 1 (do not select) mode mod0, mod1 mode input note: in boot mode, the fp pin must be at the high level. flash-only fp flash protect input this pin protects the flash memory against e/w in hardware. address bus a11-a30 address bus output to allow four blocks of up to 2 mb memory space each to be added externally, 20-bit address (a11?a30) is provided. a31 is not output. data bus db0-db15 data bus input/output this is a 16-bit data bus connecting to an external device. during write cycle, the microcomputer outputs bhw# or blw# to indicate the valid byte write position of the 16-bit data bus. during read cycle, the micro- computer always reads the full 16-bit data bus. transferred to the inter- nal circuit of the m32r, however, is the data at only the valid byte posi- tion. cs0#-cs3# chip select output chip select signals for external devices. rd# read output this signal is output when reading external devices. wr# write output this signal is output when writing external devices. bhw# byte high write output blw# byte low write output indicates the byte positions to which valid are transferred when writing to external devices. bhw# / bhe# and blw# / ble# correspond to the upper address side (db0-db7 effective) and the lower address side (db8-db15 effective), respectively. bhe# byte high enable output for external device access, it indicates that the upper byte data (db0- db7) is valid. ble# byte low enable output for external device access, it indicates that the lower byte data (db8- db15) is valid. wait# wait input if wait# input is low when the m32r accesses external devices, the wait cycle extended. hreq# hold request input this pin is used by an external device to request control of the external bus. the m32r goes to a hold state when hreq# input is pulled low. bus control hack# hold acknowledge output this signal indicates to the external device that the m32r has entered a hold state and relinquished control of the external bus. note 1: in boot mode, the fp pin must be at the high level.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 7 table 2. description of pin function (2/3) type pin name description input/output function tin0, tin3 tin16- tin23 timer input input input pin for multijunction timer to0 -to20 timer output output output pin for multijunction timer multijunction timer tclk0 -tclk3 timer clock input clock input pin for multijunction timers. avcc0 analog power sup- ply - avcc0 is the power supply for the a-d0 converter. connect avcc0 to the power supply rail. avss0 analog ground - avss0 is the analog ground for the a-d0 converters. connect avss0 to ground. ad0in0 -ad0in11 analog input input 16-channel analog input pins for the a-d0 converter in the first block. a-d converter vref0 reference voltage input input vref0 is the reference voltage input pin for the a-d0 converter. interrupt controller sbi# system break inter- rupt input system break interrupt (sbi) input pin of the interrupt controller sclki0/ sclko0 uart trans- mit/receive clock output or csio transmit/receive clock input/output input/output when channel 0 is in uart mode: clock output derived from brg output by dividing it by 2 when channel 0 is in csio mode: transmit/receive clock input when external clock is selected transmit/receive clock output when internal clock is selected sclki1/ sclko1 uart trans- mit/receive clock output or csio transmit/receive clock input/output input/output when channel 1 is in uart mode: clock output derived from brg output by dividing it by 2 when channel 1 is in csio mode: transmit/receive clock input when external clock is selected transmit/receive clock output when internal clock is selected txd0 transmit data output transmit data output pin of serial i/o channel 0 rxd0 receive data input receive data input pin of serial i/o channel 0 txd1 transmit data output transmit data output pin of serial i/o channel 1 rxd1 receive data input receive data input pin of serial i/o channel 1 txd2 transmit data output transmit data output pin of serial i/o channel 2 rxd2 receive data input receive data input pin of serial i/o channel 2 txd3 transmit data output transmit data output pin of serial i/o channel 3 serial i/o rxd3 receive data input receive data input pin of serial i/o channel 3
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 8 table 2. description of pin function (3/3) type pin name description input/output function rtdtxd transmit data output serial data output pin of the real-time debugger rtdrxd receive data input serial data input pin of the real-time debugger rtdclk clock input input serial data transmit/receive clock input pin of the real-time debugger real-time debugger rtdack acknowledge output this pin outputs a low pulse synchr onously with the real-time debug- ger?s first clock of serial data output word. the low pulse width indicates the type of the command/data the real-time debugger has received. ctx0, ctx1 transmit data output data output pin from can module. can crx0, crx1 receive data input data input pin to can module. jtms test mode input test select input for controlling the test circuit?s state transition jtck clock input clock input to the debugger module and test circuit. jtrst test reset input test reset input for initializing the test circuit asynchronously. jtdo serial output output serial output of test instruction code or test data. jtag jtdi serial input input serial input of test instruction code or test data. p00-p07 input/output port 0 input/output programmable input/output port. p10-p17 input/output port 1 input/output programmable input/output port. p20-p27 input/output port 2 input/output programmable input/output port. p30-p37 input/output port 3 input/output programmable input/output port. p41-p47 input/output port 4 input/output programmable input/output port. p61-p63 input/output port 6 input/output programmable input/output port. p70-p77 input/output port 7 input/output programmable input/output port. p82-p87 input/output port 8 input/output programmable input/output port. p93-p97 input/output port 9 input/output programmable input/output port. p100- p107 input/output port 10 input/output programmable input/output port. p110- p117 input/output port 11 input/output programmable input/output port. p124 -p127 input/output port 12 input/output programmable input/output port. p130 -p137 input/output port 13 input/output programmable input/output port. p150, p153 input/output port 15 input/output programmable input/output port. p174, p175 input/output port 17 input/output programmable input/output port. input/output port (note1) p220, p221 p224, p225 input/output port 22 input/output programmable input/output port. (however, p221 is an input-only port) note 1: input/output port 5 is reserved for future use. input/output ports 14,16,18, 20 and 21 do not exist.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 9 outline of the cpu core the 32182 group is built around the m32r risc cpu core, and has the instruction set common to all of the m32r fam- ily microcomputers. to achieve high-precision arithmetic operation, this microcomputer additionally incorporates a fully ieee754 compliant, single-precision fpu. instructions are processed in five pipelined stages consist- ing of instruction fetch, decode, execution, memory access, and write back. thanks to its ?out-of-order-completion? mechanism, the m32r cpu allows clock cycle to realize efficient instruction execution control. the m32r-fpu internally contains sixteen 32-bit general- purpose registers. the instruction set consists of 100 dis- crete instructions, which come in either 16-bit or 32-bit in- struction format. use of the 16-bit instruction format helps to reduce the program code size. also, the availability of 32-bit instructions facilitates programming and increases the per- formance at the same clock speed, as compared to archi- tectures with segmented address spaces. multiply-accumulate instructions comparable to dsp the m32r-fpu contains a multiplier/accumulator that can execute 32-bit x 16-bit in one cycle. therefore, it executes a 32-bit x 32-bit integer multiplication instruction in three cy- cles. also, the m32r-fpu supports the following four multiply- accumulate instructions (or multiplication instructions) for dsp function use. (1) 16 high-order register bits x 16 high-order register bits (2) 16 low-order register bits x 16 low-order register bits (3) all 32 register bits x 16 high-order register bits (4) all 32 register bits x 16 low-order register bits furthermore, the m32r-fpu has instructions for rounding the value stored in the accumulator to 16 or 32-bit, and in- structions for shifting the accumulator value to adjust digits before storing in a register. because these instructions also can be executed in one cycle, dsp comparable data proc- essing capability can be obtained by using them in combi- nation with high-speed data transfer instructions such as load & address update or store & address update. fpu instructions (12 instructions) the m32r-fpu supports single-precision, floating-point arithmetic operations fully compliant with ieee754 standard. more specifically, it supports all of the following five excep- tions and four rounding modes. because the general- purpose registers are used for floating-point arithmetic, data transfer overhead is reduced.  five exceptions (invalid operation, division by zero, over- flow, underflow, and inexact)  four rounding modes (round toward nearest, round to- ward zero, round toward + , round toward - ) also included are the floating-point multiply and add (fmadd) and floating-point multiply and subtract (fmsub) instructions suitable for butterfly operation in fft. extended instructions (5 instructions) the m32r-fpu has several instructions implemented in it as extended instructions such as those to set, clear, and test bits, those to set and clear data in the processor status register, and those to automatically increment the address in which to store a halfword. address space the 32182 group?s logical address is always handled in width of 32-bit, providing a linear address space of up to 4g bytes. the 32182?s address space is divided into the following spaces. user space a 2g-byte area from h?0000 0000 to h?7fff ffff is the user space. located in this space are the user rom area, external extended area, internal ram area, and sfr (spe- cial function register) area (internal peripheral i/o regis- ters). of these, the user rom area and external extended area are located differently depending on mode settings. system space a 2g-byte area from h?8000 0000 to h?ffff ffff is the system area. this space is reserved for use by develop- ment tools such as an in-circuit emulator and debug monitor, and cannot be used by the user. built-in flash memory and ram the m32182f3vfp, M32182F3TFP contains 384k bytes flash memory and 64k bytes ram. the internal flash memory can be programmed while being mounted on the printed circuit board (on-board program- ming). use of flash memory allows the same chip as those used in mass production to be used beginning with the de- velopment stage. this means that system development can be proceeded without having to change the printed circuit boards during the entire course, from prototype to mass production.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 10 user space 16m bytes sfr area (16k bytes) ram area (64k bytes) internal rom (384k) internal rom (384k bytes) reserved area (640k bytes) reserved area (640k bytes) reserved area (48k bytes) ram area (64k bytes) reserved area (48k bytes) ram area (64k bytes) reserved area (48k bytes) system space logical address single-chip mode processor mode external extended mode logical address h'0000 0000 h'8000 0000 h'7fff ffff 2g bytes 2g bytes h'ffff ffff h'000f ffff h'0000 0000 h'0010 0000 h'0005 ffff h'0006 0000 h'001f ffff h'0020 0000 h'003f ffff h'0040 0000 h'005f ffff h'0060 0000 h'007f ffff h'0080 0000 h'0080 3fff h'0080 4000 h'0081 3fff h'0081 4000 h'0081 ffff ghost area in units of 16 bytes cs0 area cs1 area cs2 area cs3 area cs0 area sfr area (16k bytes) cs1 area cs2 area cs3 area sfr area (16k bytes) h'00ff ffff h'0082 0000 ghost area in units of 128k bytes figure 4. address space
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 11 internal rom (384k bytes) reserved area (640k bytes) cs0 area (1m bytes) cs1 area (2m bytes) logical address h'000f ffff h'0000 0000 h'0010 0000 h'0005 ffff h'0006 0000 h'001f ffff h'0020 0000 h'003f ffff h'0040 0000 h'005f ffff h'0060 0000 h'007f ffff internal rom (384k bytes) cs1 area (1m bytes) internal rom (384k bytes) cs0 area (512k bytes) cs1 area (512k bytes) cs2 area (512k bytes) cs3 area (512k bytes) reserved area (640k bytes) cs0 area (1m bytes) cs2 area (1m bytes) reserved area (640k bytes) cs0 area (512k bytes) cs1 area (512k bytes) cs1 area (512k bytes) cs3 area (512k bytes) cs3 area (512k bytes) reserved area (640k bytes) internal rom (384k bytes) pin function (note) note: the pin functions enclosed in are effective. cs0# cs1# a11 / cs2# a12 / cs3# cs0# cs1# a11 / cs2# a12 / cs3# cs0# cs1# a11 / cs2# a12 / cs3# cs0# cs1# a11 / cs2# a12 / cs3# figure 5. internal rom and external extended area when external extended mode
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 12 cs0 area (2m bytes) cs1 area (2m bytes) h'0000 0000 pin function (note) h'001f ffff h'0020 0000 h'003f ffff h'0040 0000 h'005f ffff h'0060 0000 h'007f ffff cs1 area (1m bytes) cs1 area (512k bytes) cs0 area (512k bytes) cs2 area (512k bytes) cs3 area (512k bytes) cs0 area (1m bytes) cs2 area (1m bytes) cs1 area (512k bytes) cs1 area (512k bytes) cs0 area (512k bytes) cs0 area (512k bytes) cs3 area (512k bytes) cs3 area (512k bytes) n o t e : t h e p i n f u n c t i o n s e n c l o s e d i n a r e e f f e c t i v e . cs0# cs1# a11 / cs2# a12 / cs3# cs0# cs1# a11 / cs2# a12 / cs3# cs0# cs1# a11 / cs2# a12 / cs3# cs0# cs1# a11 / cs2# a12 / cs3# figure 6. external extended area when processor mode
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 13 interrupt controller (icu) a-d0 converter serial i/o wait controller flash control mjt(common part) mjt(top) mjt(tio) mjt(tms) mjt(tml0) dmac dmac mjt(tml1) can0 can1 h'0080 0000 h'0080 007e h'0080 0080 h'0080 0ffe h'0080 0fe0 h'0080 1000 h'0080 11fe h'0080 1400 h'0080 15fe h'0080 3ffe h'0080 023e h'0080 0240 h'0080 02fe h'0000 0300 h'0080 03be h'0080 03c0 h'0080 03de h'0080 03e0 h'0080 03fe h'0080 0400 h'0080 0478 h'0080 0700 h'0080 0786 h'0080 0180 h'0080 0186 h'0080 01e0 h'0080 01f8 h'0080 0200 h'0080 00ee h'0080 0100 h'0080 0146 0 7 8 15 0 7 8 15 multi-junction timer (mjt) address +0 +1 address address +0 +1 address figure 7. sfr area
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 14 built-in 37-channel multijunction timers (mjt) the microcomputer contains a total of 37 channels of multi- junction timers consisting of 11 channels of 16-bit output related timers, 10 channels of 16-bit input/output related timers, 8 channels of 16-bit input related timers, 8 channels of 32-bit input related timers. each timer has multiple op- eration modes to choose from, depending on the purposes of use. also, the multijunction timers internally have a clock bus, input event bus, and an output event bus, so that multiple timers can be used in combination allowing for a flexible timer configuration. the output related timers have a cor- recting function that allows the timer?s count value to be incremented or decremented as necessary while count is in progress, making real-time output control possible. table 3. outline of the mjt name type number of channels contents top (timer output) output related 16-bit timer (down-counter) 11 one of three output modes is selected in software.  single-shot output mode  delayed single-shot output mode  continuous output mode tio (timer input output) input/output related 16-bit timer (down- counter) 10 one of three input modes and four output modes is selected in software.  measure clear input mode  measure free-run input mode  noise processing input mode  pwm output mode  single-shot output mode  delayed single-shot output mode  continuous output mode tms (timer measure small) input related 16-bit timer (up-counter) 8 16-bit input measure timer. tml (timer measure large) 32-bit timer (up-counter) 8 32-bit input measure timer.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 15 interrupt output interrupt output topin note: this is a conceptual diagram and does not show the actual timer configuration. : edge/level selector : prescaler : junction box (selector) : output flip-flop to dma and a-d converter topin tclk pin 1/2 internal peripheral clock tin pin clock bus input event bus 16-bit output related timer: 11 channels 16-bit input/output related timer: 10 channels 16-bit input related timer: 8 channels 32-bit input related timer: 8 channels timer timer output event bus clk clk en en e/l e/l prs f/f f/f e/l prs f/f figure 8. conceptual diagram of the multijunction timers (mjt)
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 16 irq2 irq12 clk en udf top 0 output event bus input event bus clock bus clk en udf top 1 clk en udf top 2 clk en udf top 3 tclk0s to0 (p110) (note1) irq9 3 2 1 0 clk en udf top 4 clk en udf top 5 tclk0 (p124) tin0 (p150) tclk1 (p125) s s tin0s clk en udf top 6 clk en udf top 7 s s s s s clk en udf top 8 clk en udf top 9 clk en udf top 10 clk en/cap udf tio 0 clk en/cap udf tio 1 clk en/cap udf tio 2 clk en/cap udf tio 3 clk en/cap udf tio 4 s s tin3 (p153) s s s s clk en/cap udf tio 5 s s tclk2 (p126) clk en/cap udf tio 6 s s clk en/cap udf tio 7 s s s s clk en/cap udf tio 8 clk en/cap udf tio 9 s s f/f0 f/f1 f/f2 f/f3 f/f4 f/f5 f/f6 f/f7 f/f8 f/f9 f/f10 f/f11 f/f12 f/f13 f/f14 f/f15 s f/f16 f/f17 f/f18 f/f19 f/f20 s : selector f/f : output flip-flop prs0-2 : prescaler s s s s s s s s s s s s s s irq2 irq2 irq2 irq2 irq2 to1 (p111) to2 (p112) to3 (p113) to4 (p114) to5 (p115) to6 (p116) to7 (p117) to8 (p100) to9 (p101) to10 (p102) to11 (p103) to12 (p104) to13 (p105) to14 (p106) to15 (p107) irq1 irq1 irq6 irq6 irq5 irq0 irq0 irq0 irq0 irq4 to16 (p93) to17 (p94) to18 (p95) to19 (p96) to20 (p97) irq4 dma0 dma commonness irq3 irq3 3 2 1 0 0 1 2 3 3 2 1 0 3 2 1 0 irq4 0 1 2 3 tin3s tclk1s tclk2s dma3,dma commonness prs1 prs0 prs2 dma1 irq4 bclk/2 note 1: irqn denote interrupt signals, with the same number representing interrupts in the s ame group. dma0-9 and dma common denote dma requests to the dmac. ad0trg denote trigger signal for the a-d0 converter. note 2: denotes the edge select output of timer input pins. note 3: denotes input signals from the peripheral circuits (ad and sio). figure 9. block diagram of mjt (1/3)
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 17 clock abas input event bus 3 2 1 0 3 2 1 0 clk tms 0 s ovf cap3 cap2 cap1 cap0 s s s s tclk3 tclk3s clk tms 1 ovf cap3 cap2 cap1 cap0 s s s s s dma2 tin16 tin17 tin18 tin19 dma4 irq10 irq10 irq10 irq10 clk tml0(32-bit) cap3 cap2 cap1 cap0 s s s s tin20 tin21 tin22 tin23 irq11 irq11 irq11 irq11 bclk/2 output event bus 0 1 2 3 irq7 irq7 3 2 1 0 3 2 1 0 0 1 2 3 tin16s tin17s tin18s tin19s tin20s tin21s tin22s tin23s s dma5 clk tml1(32bit) cap3 cap2 -cap1 cap0 s s s s s bclk/2 ad0trg (to a-d0 converter) ad0trg (to a-d0 converter) ad0trg (to a-d0 converter) ad0trg (to a-d0 converter) figure 10. block diagram of mjt (2/3)
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 18 s s s s s s s s s s s dma0 udf end dma1 udf end dma2 udf end dma3 udf end dma4 udf end dma5 udf end dma6 udf end dma7 udf end dma8 udf end dma9 udf end s s s s s s s s s tio8_udf tin0s ad0 completed can0_s0/s15 tin3s ad0 completed tio8_udf started in software started in software tin18s started in software sio0_txd sio1_rxd started in software sio0_rxd started in software started in software dma0-4 interrupt dma5-9 interrupt sio2_rxd sio1_txd started in software sio2_txd started in software sio3_rxd started in software sio3_txd started in software can0_s1/s14 tin0s tin19s sio0_txd tin20s sio1_rxd sio3_txd 0123 input event bus output event bus 3210 3210 0123 figure 11. block diagram of mjt (3/3)
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 19 built-in 10-channel dmac the microcomputer contains 10 channels of dmac, allow- ing for data transfer between internal peripheral i/os, be- tween internal ram and internal peripheral i/o, and be- tween internal rams. dma transfer requests can be issued from the user-created software, as well as can be triggered by a signal generated by the internal peripheral i/o (a-d converter, timer, or serial i/o). the microcomputer also supports cascaded connection between dma channels (starting dma transfer on a chan- nel at end of transfer on another channel). this makes ad- vanced transfer processing possible without causing any additional cpu load. table 4. outline of the dmac item content number of channels 10 channels transfer request  software trigger  request from internal peripheral i/o: a-d converter, timer, or serial i/o (reception completed, transmit buffer empty)  cascaded connection between dma channels possible (note1) maximum number of times transferred 65536 times transferable address space  64k bytes (address space from h?0080 0000 to h?0080 ffff)  transfers between internal peripheral i/os, between internal ram and internal peripheral io, and between internal rams are supported transfer data size 16-bit or 8-bit transfer method single transfer dma (control of the internal bus is relinquished for each transfer per- formed), dual-address transfer transfer mode single transfer mode direction of transfer one of three modes can be selected for the source and destination of transfer:  address fixed  address increment  32-channel ring buffer channel priority channel 0 > channel 1 > channel 2 > channel 3 > channel 4 > channel 5 > channel 6 > channel 7 > channel 8 > channel 9 (fixed priority) maximum transfer rate 13.3m bytes per second (when internal peripheral clock = 20 mhz) interrupt request group interrupt request can be generated when each transfer count register under- flows note: the following dma channels can be cascaded. dma transfer on channel 1 started at end of one dma transfer on channel 0 dma transfer on channel 5 started at completion of all dma transfers on channel 0 (transfer count register underflow) dma transfer on channel 2 started at end of one dma transfer on channel 1 dma transfer on channel 0 started at end of one dma transfer on channel 2 dma transfer on channel 3 started at end of one dma transfer on channel 2 dma transfer on channel 4 started at end of one dma transfer on channel 3 dma transfer on channel 6 started at end of one dma transfer on channel 5 dma transfer on channel 7 started at end of one dma transfer on channel 6 dma transfer on channel 5 started at end of one dma transfer on channel 7 dma transfer on channel 8 started at end of one dma transfer on channel 7 dma transfer on channel 9 started at end of one dma transfer on channel 8
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 20 s s s s s s s s s s s dma0 udf end dma1 udf end dma2 udf end dma3 udf end dma4 udf end dma5 udf end dma6 udf end dma7 udf end dma8 udf end dma9 udf end s s s s s s s s s tio8_udf tin0s ad0 completed can0_s0/s15 tin3s ad0 completed tio8_udf started in software started in software tin18s started in software sio0_txd sio1_rxd started in software sio0_rxd started in software started in software dma0-4 interrupt dma5-9 interrupt sio2_rxd sio1_txd started in software sio2_txd started in software sio3_rxd started in software sio3_txd started in software can0_s1/s14 tin0s tin19s sio0_txd tin20s sio1_rxd sio3_txd 0123 input event bus output event bus 3210 3210 0123 figure 12. block diagram of dmac
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 21 12-channel a-d converters the microcomputer contains 12-channel a-d converters with 10-bit resolution. in addition to single conversion on each channel, continuous a-d conversion on a combined group of n (n = 1-12) channels is possible. the a-d con- verted value can be read out in either 10-bit or 8-bit. in addition to ordinary a-d conversion, the converters sup- port comparator mode in which the set value and a-d con- verted value are compared to determine which is larger or smaller than the other. moreover, there is also sample & hold mode, input voltage is sampled, when a-d conversion is started, and the a-d conversion of the sampling voltage is carried out. since there is no invalid domain near [which becomes a prob- lem by the external operational amplifier etc.] vcce/vss, con- version by the full range is possible in this sample & hold circuit. when a-d conversion is finished, the converters can gen- erate a dma transfer request, as well as an interrupt. the a-d converters are interfaced using a dedicated power supply to allow for connections to the peripheral circuits operating with 5 v. table 5. outline of the a-d converters item content analog input 12-channel a-d conversion method successive approximation method resolution 10-bit (conversion results can be read out in either 10 or 8-bit) during low speed mode: normal mode: + 2 lsb, double speed mode: + 2 lsb (note1) absolute accuracy (conditions: ta = 25c, avcc0, 1 = vref0, 1 = 5.12 v) during high speed mode: normal mode: + 3 lsb, double speed mode: + 3 lsb (note1) conversion mode a-d conversion mode, comparator mode operation mode single mode, scan mode scan mode single-shot scan mode, continuous scan mode special mode single mode forcible execution under scan mode operation, scan mode start after the sin- gle mode execution, conversion re-start sample & hold mode input voltage is sampled when a-d conversion is started, and it is a-d conversion about sampling voltage. software start started by setting a-d conversion start bit to 1 conversion start trigger hardware start mjt input event bus 2, mjt input event bus 3, mjt output event bus 3, and tin23 low-speed mode normal 299 x1/f(bclk) (note2) double speed 173 x1/f(bclk) high-speed mode normal 131 x1/f(bclk) during single mode (unavailable for sample & hold available for normal sample & hold) double speed 89 x1/f(bclk) low-speed mode normal 191 x1/f(bclk) double speed 101 x1/f(bclk) high-speed mode normal 95 x1/f(bclk) during single mode (available for high-speed sample & hold) double speed 53 x1/f(bclk) low-speed mode normal 47 x1/f(bclk) double speed 29 x1/f(bclk) high-speed mode normal 23 x1/f(bclk) conversion speed f(bclk) : internal peripheral clock operating frequency during comparator mode double speed 17 x1/f(bclk) when a-d conversion is finished, when comparate operation is finished interrupt request generation when single-shot scan is finished, or when one cycle of continuous scan is finished when a-d conversion is finished, when comparate operation is finished dma transfer request genera- tion when single-shot scan is finished, or when one cycle of continuous scan is finished note 1: the performance is the same during sample & hold mode. note 2: when xin = 10 mhz, f(blck) = 20 mhz.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 22 ad0in0 ad0in1 ad0in2 ad0in3 ad0in4 ad0in5 ad0in6 ad0in7 selector sample & hold control circuit interrupt request avss0 vref0 10-bit a-d successive approximation register 10-bit a-d0 data register 0 10-bit a-d0 data register 1 a-d0 single mode register a-d comparate data register a-d control circuit mode selection channel selectikon conversion time selection flag control interrupt control 10-bit d-a converter comparator ad0in8 ad0in9 ad0in10 ad0in11 ad0cmp ad0dt0 ad0dt1 ad0dt2 ad0dt3 ad0dt4 ad0dt5 ad0dt6 ad0dt7 ad0dt8 ad0dt9 ad0dt10 ad0dt11 dma transfer request successive approximationtype a-d converter unit internal date bus a-d0 scan mode register ad0scm0,1 ad0sim0,1 avcc0 10-bit readout 8-bit readout shifter 10-bit a-d0 data register 2 10-bit a-d0 data register 3 10-bit a-d0 data register 4 10-bit a-d0 data register 5 10-bit a-d0 data register 6 10-bit a-d0 data register 7 10-bit a-d0 data register 8 10-bit a-d0 data register 9 10-bit a-d0 data register 10 10-bit a-d0 data register 11 input event bus3 input event bus2 tin23 output event bus3 s s ad0ctrg1 ad0strg1 dma0 dma commonness (ad0sar) figure 13. block diagram of the a-d0 converter
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 23 4-channel high-speed serial i/os the microcomputer contains 4 channels of serial i/os consisting of four channels that can be set for csio mode (clock-synchronized serial i/o) or uart mode (asynchro- nous serial i/o) and two other channels that can only be set for uart mode. the sio has the function to generate a dma transfer re- quest when data reception is completed or the transmit register becomes empty, and is capable of high-speed serial communication without causing any additional cpu load. table 6. outline of the serial i/o item content number of channels csio/uart: 2 channels (sio0, sio1) uart only : 2 channels (sio2, sio3) clock during csio mode : internal clock / external clock, selectable (note1) during uart mode: internal clock only transfer mode transmit half-duplex, receive half-duplex, transmit/receive full-duplex brg count source f(bclk), f(bclk)/8, f(bclk)/32, f(bclk)/256 (when internal clock is selected) (note2) data format csio mode: data length = fixed to 8-bit order of transfer = fixed to lsb first uart mode: start bit = 1-bit character length = 7, 8, or 9-bit parity bit = with or without (if included, selectable between odd and even parity) stop bit = 1 or 2-bit order of transfer = fixed to lsb first baud rate csio mode: 152-bit per second to 2m-bit per second (when operating with f(bclk) = 20 mhz) uart mode: 19-bit per second to 156k-bit per second (when operating with f(bclk) = 20 mhz) error detection csio mode: overrun error only uart mode: overrun, parity, and framing errors (the error-sum bit indicates which error has occurred) fixed cycle clock output function when sio0 or sio1 is in uart mode, this function outputs a 1/2 brg clock from the sclk pin. note 1: during csio mode, the maximum input frequency of an external clock is f(bclk) divided by 16. note 2: when f(bclk) is selected for the brg count source, the brg set value is subject to limitations.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 24 sclki0/ sclko0 bclk, bclk/8, bclk/32, bclk/256 baud rate generator (brg) bclk (set value + 1) 1 inter nal data bus csio mode when internal clock selected csio mode uart mode when internal clock selected 1/16 1/2 rxd0 txd0 receive interrupt transmit /receive control circuit receive dma transfer request transmit interrupt transmit dma transfer request to dmac 3,dmac4 sio0 receive buffer register when external clock selected when uart mode selected note2:sio2 and sio3 do not have the sclki/sclko function. note1:when bclk is selected for the brg count source,the brg set value is subject to limitations. sclki1/ sclko1 to dmac6 to interrupt controller to interrupt controller sio0 sio1 sio2 sio3 rxd1 txd1 sio1 transmit shift register sio1 receive shift register to dmac7 rxd2 txd2 sio2 transmit shift register sio2 receive shift register to dmac9,dma7 rxd3 txd3 sio3 transmit shift register sio3 receive shift register receive interrupt receive interrupt receive dma transfer request receive dma transfer request transmit interrupt transmit interrupt transmit dma transfer request transmit dma transfer request receive interrupt receive dma transfer request transmit interrupt transmit dma transfer request to interrupt controller to dmac8 to dmac5 to dmac3,dmac6 to dmac4 sio0 transmit buffer register sio0 transmit shift register sio0 receive shift register clock divider transmit /receive control circuit transmit /receive control circuit transmit /receive control circuit figure 14. block diagram of serial i/o
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 25 input/output ports the microcomputer has a total of 97 input/output ports (of which p5 is reserved for future use). the input/output ports can be used as input ports or output ports by setting up their direction registers. each input/output port is a dual- function pin shared with other internal peripheral i/o or ex- ternal extended bus signal lines. these pin functions are selected by using the chip operation mode select or the input/output port operation mode registers table7. outline of input/output ports item specification number of port total 97 ports p0 p1 p2 p3 p4 p6 p7 p8 p9 p10 p11 p12 p13 p15 p17 p22 : : : : : : : : : : : : : : : : p00-p07 p10-p17 p20-p27 p30-p37 p41-p47 p61-p63 p70-p77 p82-p87 p93-p97 p100-p107 p110-p117 p124-p127 p130-p137 p150, p153 p174, p175 p220, p221, p224, p225 (8 lines) (8 lines) (8 lines) (8 lines) (7 lines) (3 lines) (8 lines) (6 lines) (5 lines) (8 lines) (8 lines) (4 lines) (8 lines) (2 lines) (6 lines) (4 lines) port function the input/output ports can be set for input or output mode bit wise by using the input/output port direction control register. (however, p221 is can0 input-only port.) pin function dual-functions shared with peripheral i/o or external extended signals (or multi-functions shared with periph- eral i/os which have multiple functions) pin function change over p0-4, p224-p227 : changed by setting cpu operation mode (mod0 and mod1 pins) (note1) p6-22 : changed by setting the input/output port operation mode register (however, peripheral i/o pin functions are selected using the peripheral i/o register.) note 1: when the cpu is operating in external extended mode, p0?p4 and p224, and p225 by default are set for in- put/output port pins, but have their functions switched for external extended signal pins by setting the port operation mode register. when operating in single-chip or processor mode, the pin functions are switched over by setting the cpu operation mode pins as shown in table 8. table 8. cpu operation modes and p0?p4, p224, p225 pin functions mod0 mod1 operation mode p0-p4, p224, p225 pin function vss vss single-chip mode input/output port pin vss vcce external extended mode input/output port pin or external extended signal pin vcce vss processor mode (fp pin = vss) external extended signal pin vcce vcce do not select - note1: vcce and vss are connected to power supply and gnd, respectively.
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 26 p0 p1 p2 p3 p4 p5 p6 p7 p8 p9 p10 p11 p12 p13 p14 p15 p16 p17 p18 p19 p20 p21 p22 0 1 2 3 4 5 6 7 db0 db1 db2 db3 db4 db5 db6 db7 db8 db9 db10 db11 db12 db13 db14 db15 a23 a24 a25 a26 a27 a28 a29 a30 a15 a16 a17 a18 a19 a20 a21 a22 sbi# (p61) (p62) (p63) (note 2) to16 to17 to18 to19 to20 to9 to10 to8 to11 to12 to13 to14 to15 /txd3 /ctx1 to0 to1 to2 to3 to4 to5 to6 to7 tclk0 tclk1 tclk2 tclk3 tin21 tin22 tin16 tin17 tin18 tin19 tin20 tin23 /rxd3 /crx1 tin0 tin3 txd2 rxd2 ctx0 crx0 cs2#/a11 cs3#/a12 mod0 mod1 sclki0 sclki1 txd0 rxd0 txd1 rxd1 (note 2) (note 2) /sclko0 /sclko1 ble# bhe# rd# cs0# cs1# a13 a14 /blw# /bhw# wr# wait# hreq# hack# rtdtxd rtdrxd rtdack rtdclk /bclk note: p5, p14, p16, p18, p19, p20, and p21 do not exist. note 1: pin functions are switched over by setting mod0 and mod1 pins. note 2: it cannot be used as a function of an input/output ports. the input level of sbi#, mod0, and an mod1 pin can be read. settings of input/output port operation mode register reserved settings of chip operation mode (note 1) (note 1) (note 1) figure15. input/output ports and pin function assignments
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 27 can modules the 32182 contains two blocks of full-can modules compliant with can specification v2.0b active. the can modules each have 16 slots of message slot. ctx0 crx0 can0 protocol controller ver 2.0b active can0 message slot 0-15 control register can0 global mask register can0 local mask registera can0 local mask registerb can0 extended id register message memory acceptance filtering 16-bit timer can0 time stamp register can0 configuration register can0 slot status register can0 slot interrupt control register can0 rec register can0 tec register can0 error interrupt control register interrupt control circuit can0 transmit/receive &error interrupt data bus (1)message id (2)date code (3)message data (4)time stamp can0 status register can0 control register figure 16. block diagram of the can0 module ctx1 crx1 can1 protocol controller ver 2.0b active can1 message slot 0-15 control register can1 global mask register can1 local mask registera can1 local mask registerb can1 extended id register message memory acceptance filltering 16-bit timer can1 time stamp register can1 configuration register can1 slot status register can1 slot interrupt control register can1 rec register can1 tec register can1 error interrupt control register interrupt control circuit can1 transmit/receive &error interrupt data bus (1)message id (2)date code (3)message data (4)time stamp can1 status register can1 control register figure 17. block diagram of the can1 module
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 28 8-level interrupt controller the interrupt controller controls interrupt requests from each internal peripheral i/o (23 sources) by using eight priority levels assigned to each interrupt source, including interrupts prohibition. in addition to these interrupts, it han- dles system break interrupt (sbi), reserved instruction exception (rie), and address exception (ae) as non- maskable interrupts. wait controller the wait controller supports access to external devices. for access to an external extended area of up to 8m bytes (during external extended or processor mode), the wait controller controls bus cycle extension by inserting zero to seven wait cycles and using external wait# signal input. however, as setup for lead of cs signal / lead of strobe signal / recovery / idol after lead cycle, only operation by "nothing" setup is guaranteed when 0wait is selected. moreover, wait by the external wait input is not received when 0wait is selected. built-in clock frequency multiplier the pll (clock frequency multiplier) multiplies the input clock frequency by 8 to generate the cpu memory clock. for the maximum cpu memory clock frequency of 80 mhz, the input clock frequency is 10.0 mhz. three operation modes the 32182 group has three operation modes: single-chip mode, external extended mode, and processor mode. these operation modes are changed from one to another by setting the mod0 and mod1 pins. port input threshold level select function the port input threshold level select function selects the port threshold between ttl, cmos, and schmitt as desired. this setting is possible for each group individually. vt+ vt- schmitt peripheral function input port input pin 0.7vcce 0.5vcce 0.35vcce cmos s s s s s wfnsel ptnsel vtnsell threshold input function enable standard input threshold level of peripheral function figure 18. port input threshold level select function
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 29 real-time debugger (rtd) the real-time debugger (rtd) provides a function for accessing directly from the outside to the internal ram. it uses a dedicated clock-synchronized serial i/o to com- municate with the outside. use of the rtd communicating via dedicated serial lines allows the internal ram to be read out and rewritten with- out having to halt the cpu. also, it can activate an exclu- sive rtd interrupt through rtd communication. built-in virtual-flash emulation function the 384k bytes of internal flash memory can have its 4k bytes areas (total 96 banks) replaced with 4k bytes areas of the internal ram (4k bytes x 8). use of this function helps to make the necessary changes and evaluate the changed program during development phase without hav- ing to reset the microcomputer. also, when combined with the real-time debugger, this function enables the data in ram to be rewritten and read out without causing cpu load, making it possible to reduce the program evaluation period. command address data internal ram m32r cpu 32182 data data data bus(cpu) data bus(rtd) (rtd) virtual-dpram structure real-time debugger r/w without cpu intervention rtdclk rtdrxd rtdtxd rtdack figure 19. conceptual diagram of the real-time debugger (rtd) h'0000 0000 h'0000 1000 s bank 1 (4k bytes) h'0080 4000 s bank 0 (4k bytes) h'0000 2000 s bank 2 (4k bytes) s bank 95 (4k bytes) s bank 94 (4k bytes) h'0005 f000 h'0005 d000 h'0080 7fff h'0080 8000 h'0080 9000 h'0080 a000 h'0080 b000 h'0080 c000 h'0080 d000 h'0080 e000 h'0080 f000 h'0005 e000 4k bytes 4k bytes 4k bytes 4k bytes 4k bytes 4k bytes 4k bytes 4k bytes s bank 93 (4k bytes) figure20. conceptual diagram of the virtual -flash emulation (units 4k bytes)
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 30 cpu instruction set the m32r employs a risc architecture, supporting a total of 100 discrete instructions. (1) load/store instructions perform data transfer between memory and registers. ld load ldb load byte ldub load unsigned byte ldh load halfword lduh load unsigned halfword lock load locked st store stb store byte sth store halfword unlock store unlocked (2) transfer instructions perform register to register transfer or register to immediate transfer. ld24 load 24-bit immediate ldi load immediate mv move register mvfc move from control register mvtc move to control register seth set high-order 16-bit (3) branch instructions used to change the program flow. bc branch on c-bit beq branch on equal beqz branch on equal zero bgez branch on greater than or equal zero bgtz branch on greater than zero bl branch and link blez branch on less than or equal zero bltz branch on less than zero bnc branch on not c-bit bne branch on not equal bnez branch on not equal zero bra branch jl jump and link jmp jump nop no operation (4) arithmetic/logic instructions perform comparison, arithmetic/logic operation, multiplica- tion/division, or shift between registers.  comparison cmp compare cmpi compare immediate cmpu compare unsigned cmpui compare unsigned immediate  logical operation and and and3 and 3-operand not logical not or or or3 or 3-operand xor exclusive or xor3 exclusive or 3-operand arithmetic operation add add add3 add 3-operand addi add immediate addv add(with overflow checking) addv3 add 3-operand addx add with carry neg negate sub subtract subv subtract (with overflow checking) subx subtract with borrow multiplication/division div divide divu divide unsigned mul multiply rem remainder remu remainder unsigned shift sll shift left logical sll3 shift left logical 3-operand slli shift left logical immediate sra shift right arithmetic sra3 shift right arithmetic 3-operand srai shift right arithmetic immediate srl shift right logical srl3 shift right logical 3-operand srli shift right logical immediate (5) instructions for the dsp function perform 32-bit x 16-bit or 16-bit x 16-bit multiplication or multiply-accumulate calculation. these instructions also perform rounding of the accumulator data or transfer be- tween accumulator and general-purpose register. machi multiply-accumulate high-order halfwords maclo multiply-accumulate low-order halfwords macwhi multiply-accumulate word and high-order halfword macwlo multiply-accumulate word and low-order halfword mulhi multiply high-order halfwords mullo multiply low-order halfwords mulwhi multiply word and high-order halfword mulwlo multiply word and low-order half- word mvfachi move from accumulator high-order word mvfaclo move from accumulator low-order word mvfacmi move from accumulator middle-order word mvtachi move to accumulator high-order word mvtaclo move to accumulator low-order word rac round accumulator rach round accumulator halfword (6) eit related instructions start trap or return from eit processing. rte return from eit trap trap
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r 31 (7) instructions for the fpu function the microcomputer supports fully ieee-754 compliant, sin- gle-precision floating-point arithmetic. fadd floating-point add fsub floating-point subtract fmul floating-point multiply fdiv floating-point divide fmadd floating-point multiply and add fmsub floating-point multiply and subtract itof integer to float utof unsigned to float ftoi float to integer ftos float to short fcmp floating-point compare fcmpe floating-point compare with exception if unordered (8) extended instructions sth store halfword(@r+ addressing added) bset bit set bclr bit clear btst bit test setpsw set psw clrpsw clear psw hl h l h l 63 h l h l x x hl x x 32bit 0 0 63 15 16 31 32 47 48 acc rsrc1 rsrc2 mulhi instruction mullo instruction 15 16 31 0151631 0 rsrc1 rsrc2 15 16 31 0151631 0 rsrc1 rsrc2 31 0151631 0 32bit rsrc1 rsrc2 31 0151631 0 063 acc 063 acc 063 acc 063 acc 063 acc mulhi instruction mullo instruction 063 063 acc 0 0 63 63 acc rac instruction sign data sign data rach instruction 031 0313263 acc mvtachi instruction mvtaclo instruction rsrc 0 31 mvfachi instruction mvfacmi instruction mvfaclo instruction rdest 0 0 acc macwhi instruction macwlo instruction machi instruction maclo instruction x x + + x x + + figure 21. instructions for the dsp function
2002-07-12 rev.1.0 mitsubishi microcomputers 32182 group under development single-chip 32-bit cmos microcompute r ?2002 mitsubishi electric corp. new publication, effective jul. 2002. specifications subject to change without notice. mitsubishi electric package dimensions diagram lqfp144-p-2020-0.50 weight(g) ? 1.2 3 jedec code eiaj package code lead material cu alloy 144p6q-a plastic 144pin 20 x 20mm body lqfp ? 0.125 ? ?? 0.2 ? ? ?? ? ? ? ? ? symbol min nom max a a 2 b c d e h e l l 1 y b 2 dimension in millimeters h d a 1 0.225 ? ? i 2 0.95 ? ? m d 20.4 ? ? m e 20.4 8 0 0.1 1.0 0.65 0.5 0.35 22.2 22.0 21.8 22.2 22.0 21.8 0.5 20.1 20.0 19.9 20.1 20.0 19.9 0.175 0.125 0.105 0.27 0.22 0.17 1.4 0.05 1.7 e a h d d h e e 1 36 37 72 73 108 109 144 f e lp 0.45 ? ? 0.6 0.25 ? 0.75 ? 0.08 x a3 m d l 2 b 2 m e e recommended mount pad y b x m a 1 a 2 l 1 l detail f lp a3 c mmp mitsubishi electric corporation head office: 2-2-3, marunouchi, chiyoda-ku, tokyo 100-8310, japan keep safety first in your circuit designs!  mitsubishi electric corporation puts the maximum effort into making semiconductor products better and more reliable, but ther e is always the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit des igns, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials  these materials are intended as a reference to assist our customers in the selection of the mitsubishi semiconductor product best suited to the customer?s application; they do not convey any license under any intellec- tual property rights, or any other rights, belonging to mitsubishi electric corporation or a third party.  mitsubishi electric corporation assumes no responsibility for any damage, or infringement of any third-party?s rights, origin ating in the use of any product data, diagrams, charts, programs, algorithms, or circuit applica- tion examples contained in these materials.  all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents in formation on products at the time of publication of these materials, and are subject to change by mitsubishi electric corporation without notice due to product improvements or other reasons. it is therefore recommended tha t customers contact mitsubishi electric corporation or an authorized mitsubishi semicon- ductor product distributor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. mitsubishi electric corporation assu mes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by mitsubishi electric corporation by various means, including the mitsubish i semiconductor home page (http://www.mitsubishichips.com).  when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, an d algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. mitsubishi electric corporation assumes no responsibility for any damage, liability or other loss resulting from the information contained herein.  mitsubishi electric corporation semiconductors are not designed or manufactured for use in a device or system that is used un der circumstances in which human life is potentially at stake. please contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor when considering the use of a product contai ned herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use.  the prior written approval of mitsubishi electric corporation is necessary to reprint or reproduce in whole or in part these materials.  if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lice nse from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is pro hibited.  please contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor for further deta ils on these materials or the products contained therein.
revision history 32182 group data sheet rev. date description page summary (1/1) 1.0 7/12/02 - first edition.


▲Up To Search▲   

 
Price & Availability of M32182F3TFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X